Part Number Hot Search : 
C1213 00222830 NDB6020P LTC1152I U1000 24WC08 0K6TR M29W010
Product Description
Full Text Search
 

To Download LUR25C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  published date : mar 18,2008 drawing no : sdsa1314 v5 checked : b.l.liu p.1/4 part number: LUR25C 3.2mm round solid state led lamp www.sunled.com features z low power consumption. z wide viewing angle. z available on tape for automatic mounting machine. z long life-solid state reliability. z rohs compliant. part number emitting color emitting material lens-color luminous intensity (if=10ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. LUR25C red gaasp/gap red transparent 8 29 627 35 absolute maximum ratings (t a =25c ) ur (gaasp/ gap) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 160 ma power dissipation p t 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3 seconds lead solder temperature [5mm below package base] 260c for 5 seconds operating characteristics (t a =25c ) ur (gaasp/ gap) unit forward voltage (typ.) (i f =10ma) v f 1.9 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emis- sion (typ.) (i f =10ma) p 627 nm wavelength of dominant emission (typ.) (i f =10ma) d 625 nm spectral line full width at half-maximum (typ.) (i f =10ma) ? 45 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 pf notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0. 01") unless otherwise noted. 3.specifications are subject to change without notice.
published date : mar 18,2008 drawing no : sdsa1314 v5 checked : b.l.liu p.2/4 part number: LUR25C 3.2mm round solid state led lamp www.sunled.com ? ur
published date : mar 18,2008 drawing no : sdsa1314 v5 checked : b.l.liu p.3/4 part number: LUR25C 3.2mm round solid state led lamp www.sunled.com remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
published date : mar 18,2008 drawing no : sdsa1314 v5 checked : b.l.liu p.4/4 part number: LUR25C 3.2mm round solid state led lamp www.sunled.com packing & label specifications LUR25C


▲Up To Search▲   

 
Price & Availability of LUR25C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X